PART |
Description |
Maker |
PPF5210M |
P Channel MOSFET; Package: TO-254; ID (A): 19; RDS(on) (Ohms): 0.07; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 30 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
SFF80N10Z |
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET 55 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Solid State Devices, Inc.
|
PSMN9R5-100PS |
N-channel 100 V 9.6 m standard level MOSFET in T0220 89 A, 100 V, 0.0096 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
SFRC9130S.5B |
10 AMP /100 Volts 300 mRadiation Tolerant P-Channel MOSFET 10 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
SUV85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
SPP47N10L |
100-V MOS transistors in S-FET technology( 采用S-FET 技术制作的 100-V MOS 型晶体管) 47 A, 100 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET
|
SIEMENS AG
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
FDMS86101 |
N-Channel PowerTrench垄莽 MOSFET 100 V, 49 A, 8 m搂? N-Channel PowerTrench? MOSFET 100 V, 49 A, 8 m?
|
Fairchild Semiconductor
|
SUM34N10-35 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175C MOSFET
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
SUD40N10-25 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175`C MOSFET
|
VISAY[Vishay Siliconix]
|
SFF75N10Z SFF75N10M SFF75N10MD SOLIDSTATEDEVICESIN |
75 A, 100 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
MMFT1N10E_D ON2216 MMFT1N10E MMFT1N10 |
MEDIUM POWER TMOS FET 1 AMP 100 VOLTS 1000 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA N-hannel Enhancement-ode Logic Level SOT23 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
|